Part Number Hot Search : 
TLN22507 MAX163 BD4148SE TPC8115 KPY55A SM1010 TFS868 W90P710
Product Description
Full Text Search
 

To Download 36757-0021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 09/25/2014 please check www.molex.com for latest part information part number: 36757-0021 status: active overview: mlx? power connectors description: 6.35mm pitch mlx? power connector header, pin terminals, 2.13mm contact diameter, vertical, with plastic polarizing peg, 2 circuits, lead-free, white, glow wire compliant documents: 3d model product specification psx-42002-0001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 43255 application board-to-board, power, wire-to-board comments "high vibration application

this molex product is manufactured from material that has the following ratings, tested by independent agencies:. a) a glow wire ignition temperature (gwit) of at least 775 deg c per iec 60695-2-13.. b) a glow wire flammability index (gwfi) above 850 deg c per iec 60695-2-12.and hence complies with the requirements set out in the international standard iec 60335-1 5th edition - household and similar electrical appliances - safety, section 30 resistance to heat and fire.

the customers using this product must determine its suitability for use in their particular application through testing or other acceptable means as described in end-product glow-wire flammability test standard iec 60695-2-11 and any applicable product end-use standard(s).

if it is determined during the customer?s evaluation of suitability, that higher performance is required, please contact molex for possible product options." overview mlx? power connectors product name mlx? upc 884982473232 physical breakaway no circuits (loaded) 2 circuits (maximum) 2 color - resin white durability (mating cycles max) 50 first mate / last break no flammability 94v-2 glow-wire compliant yes keying to mating part yes lock to mating part yes material - metal phosphor bronze material - plating mating tin material - plating termination tin series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 43255 series mates with 42021 mlx? power crimp housing plug, 42023 mlx crimp terminal, 42024 mlx crimp terminal
material - resin polyester net weight 2.202/g number of rows 1 orientation vertical pc tail length 4.30mm pcb locator yes pcb retention yes pcb thickness - recommended 1.60mm packaging type tray pitch - mating interface 6.35mm pitch - termination interface 6.35mm polarized to mating part yes polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -55c to +105c termination interface: style through hole electrical current - maximum per contact 12a, 20a voltage - maximum 600v material info reference - drawing numbers product specification psx-42002-0001 sales drawing sda-43255-00** this document was generated on 09/25/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 36757-0021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X